PART |
Description |
Maker |
DTA143ZUA DTA143ZETL DTA143ZE09 |
-100mA / -50V Digital transistors (with built-in resistors) 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR EMT3, 3 PIN
|
http:// Rohm Co., Ltd.
|
DTA113ZKAT146 |
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
|
Rohm
|
DTA144VKAT146 |
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
|
Rohm
|
DTA114YCAT116 |
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
|
ROHM
|
IMB10AT110 |
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
|
Rohm
|
2N538 2N522 2N941 2N586 2N502A 2N795 2N738 2N779 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 8V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 8V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-9 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | TO-9 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 200MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | TO-18 晶体管|晶体管|叩| 50V五(巴西)总裁|8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 30V的五(巴西)总裁| 500mA的一(c)|
|
Central Semiconductor, Corp. Microsemi, Corp.
|
DTA123YKA |
PNP -100mA -50V Digital Transistor
|
Rohm
|
DTA023JM DTA023JUB |
100mA/-50V Digital transistors
|
Rohm
|
DTA143TEB |
-100mA / -50V Digital transistors
|
Rohm
|